PART |
Description |
Maker |
JW2ASN-DCXXV |
COMPACT PC BOARD POWER RELAY
|
Nais
|
JW2SN-DC12V JW2SN-DC18V JW2SN-DC24V JW2SN-DC9V JW2 |
COMPACT PC BOARD POWER RELAY COMPACT PC BOARD POWER RELAY
|
Panasonic Semiconductor
|
JVN1A-100V JVN1AF-100V |
JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Sealed type. JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Flux-resistant type.
|
Matsushita Electric Works(Nais)
|
FBR52ND12-WL FBR51ND06-W FBR51ND06-W1 FBR51ND06-WL |
COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES COMPACT POWER RELAY 1 POLE25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Limited
|
FTR-F4AK024T FTR-F4AK009T FTR-F4AK006T FTR-F4AK048 |
POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
|
Fujitsu Component Limited.
|
DE2A-L2-9 DE1A1B-1V DE1A1B-2V DE1A1B-3V DE1A1B-4V |
COMPACT HIGH-INSULATION POLARIZED POWER RELAY
|
http:// NAIS[Nais(Matsushita Electric Works)]
|
FBR522ND12-W1 FBR512 FBR512ND06-W1 FBR512ND09-W1 F |
COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
SP2-6 |
Electromechanical Relay, 15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
|
Panasonic / NAiS
|
0482006021 |
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided
|
Molex Electronics Ltd.
|
0482006000 |
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided
|
Molex Electronics Ltd.
|