PART |
Description |
Maker |
T92S11D12-48 T92P11D22-12 T92P7D12-24 T92S7D22-12 |
Power PC Board Relays T92 Series Two-pole 30A PCB or Panel Mount Relay
|
Tyco Electronics
|
JRC-23F1B21Z3S JRC-23F1B21ZNILS JRC-23F JRC-2B3F J |
LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE
|
List of Unclassifed Manufacturers ETC
|
JQX-105F-2 JQX-105F-2L |
30A 1 POLE PCB&QC Terminals
|
List of Unclassifed Manufacturers ETC
|
FBR562ND06-W1 FBR562ND12-W FBR562ND09-W1 |
HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
OSASS205DM5000 OSASH205DM3 OSASH205DM3000 OSASH205 |
2 Pole Miniature Power PC Board Relay
|
Tyco Electronics
|
PD-L530C-B |
NEMA L5-30R CORD CONNECTOR 30A 125VAC; ASSEMBLY TYPE
|
PowerDynamics, Inc
|
ENA0930 |
Schottky Barrier Diode (Twin Type 隆陇 Cathode Common) 160V, 30A Rectifier
|
Sanyo Semicon Device
|
53254-0710 |
Header; No. of Contacts:7; Pitch Spacing:2mm; No. of Rows:1; Series:Micro-Latch; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
FTR-F3AA012ENIL FTR-F3AA048ENIL FTR-F3 FTR-F3AA005 |
1 POLE 3A SsLIM TYPE RELAY
|
FUJITSU[Fujitsu Media Devices Limited]
|