PART |
Description |
Maker |
E1212M-1W E1205M-1W |
DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
|
MORNSUN Science& Technology Ltd.
|
4117US103VDC1.0 4117US103VDC1.2 4117CS103VDC1.0 41 |
Superminiature, heavy power
|
http:// DB Lectro Inc.
|
RFS1003 PRFS-1003-0009 PRFS-1003-0005 PRFS-1003-00 |
From old datasheet system 5.1-5.9 GHz U-NII Power Amplifier The RFS1003 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in transmit applications in the 5.1-5.9 ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
AWT6106 |
The AWT6106 is a 3.5V (3.0V to 4.2V) high power, high efficiency, three stage power amplifier module for Dual Mode CDMA/PCS wireless ...
|
Anadigics Inc
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
MC08ED150J-F MC08CA020D-F MC08CA050D-F MC08CA060D- |
Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
IPS401-05I-SO IPS401-05C-D IPS401-05C-SO IPS401-05 |
High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
|
List of Unclassifed Manufacturers
|
MT5375-UV-HP |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|