PART |
Description |
Maker |
IIRFR9220TRLPBF IRFR9220PBF IRFU9220 IRFU9220PBF |
Dynamic dV/dt Rating
|
Kersemi Electronic Co., Ltd. Kersemi Electronic Co.,...
|
IRFP240 IRFP240PBF |
Dynamic dV/dt Rating Repetitive Avalanche Rated
|
Kersemi Electronic Co., Ltd.
|
IRF3205 |
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating
|
TY Semiconductor Co., Ltd
|
IRFP460PBF |
Dynamic dv/dt Rating, Repetitive Avalanche Rated, Isolated Central Mounting Hole, Fast Switching, Ease of Paralleling, Simple Drive Requirements, Lead
|
International Rectifier
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
5500.2029 5500.2028 5500.2027 5500.2026 5500.2030 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 4A; Leakage Current Rating: 0.1 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
TC74HC123AF TC74HC123AFN TC74HC123AP HC123 |
Bipolar Transistor; Package/Case:TO-126; Current Rating:500mA; Voltage Rating:300V DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor] http://
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
39-01-2100 |
IDC, Connector, Maximum AC Current Rating 7 Ampere, RMS Voltage Rating AC 250 Volt, Number Of Ways 10 10 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
178216-5 |
Dynamic Series Connectors; DYNAMIC 3400 HDR H 12P ASSY ( AMP )
|
Tyco Electronics
|
9-917542-2 |
Dynamic Series Connectors; DYNAMIC D-5200S V-HDR ASSY 4P ( AMP )
|
Tyco Electronics
|