PART |
Description |
Maker |
IRFI530G |
HEXFET POWER MOSFET HEXFET功率MOSFET HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
IRFR430A IRFU430A IRFU430APBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
IRF[International Rectifier]
|
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|
IRFBG20 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
|
IRF[International Rectifier]
|