PART |
Description |
Maker |
MC74HCU04A06 MC74HCU04AFEL MC74HCU04AFELG MC74HCU0 |
Hex Unbuffered Inverter High−Performance Silicon−Gate CMOS
|
ONSEMI[ON Semiconductor]
|
MC74VHCU04MEL |
Hex Unbuffered Inverter
|
ON Semiconductor
|
74HCU04DR2G 74HCU04DTR2G |
Hex Unbuffered Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Unbuffered Inverter; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
MC74HCU04A ON1535 MC74HCU04ADT MC74HCU04AN MC74HCU |
Hex Unbuffered Inverter 六角缓冲逆变 From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MC74VHCU0406 MC78LC0006 MC78LC50NTRG MC78LC00 MC78 |
Micropower Voltage Regulator(三端正固定电压的稳压 微功耗稳压器(三端正固定电压的稳压器 Hex Inverter (Unbuffered)
|
ONSEMI[ON Semiconductor]
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
HCF4069UM013TR HCF4069UB HCF4069UBEY HCF4069UBM1 H |
CERAMIC CHIP/MIL-PRF-55681 HEX INVERTER HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ML74WLAC |
NAND Gate (unbuffered) and Inverter (unbuffered)
|
Minilogic Device Corporation Limited
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|