PART |
Description |
Maker |
BUX87 BUX86 Q68000-A5167 Q68000-A3870 |
TRANS PREBIASED NPN 150MW SOT523 NPN SILICON HIGH VWLTAGE SWITCHING TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DDTA114GUA-7 DDTA115GUA-7 |
TRANS PREBIASED PNP 200MW SOT323 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
2SK2638-01MR |
TRANS PREBIASED PNP 200MW SOT-23 N-channel MOS-FET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
SA24C1024LZEMFF SA24C1024LZENFX SA24C1024LZENX SA2 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS TRANS PNP W/RES 30 HFE SSMINI 3P TRANS PNP W/RES 160HFE SSMINI 3P 1024Kb EEPROM IIC
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
370-10-116 370-90-116 483-90-216-00-001 353-10-116 |
PCB Header Strips Single row / double row Wire-wrap / solder tail HANDSET CORD, DARK GRAY 12 FT. DIODE SCHOTTKY DUAL COMMON-ANODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT323 Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket RoHS Compliant: No TRANS PREBIASED NPN 200MW SOT-23 HANDSET CORD, IVORY 6 FT. CONV DC-DC 100W 24VIN 5V NEG-EN MODULAR COILED HNDST CORDBLACK 25 FT DIODE SCHOTTKY SINGLE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT23 MODULAR COILED HNDST CORDIVORY MCU LOAD SWITCH 200MA SOT-26 PCB Header Strips Single row / double row Wire-wrap / solder tail 板头带单双列线,焊尾 HANDSET CORD, IVORY 6 FT. 板头带单双列线,焊尾
|
http:// PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
DDA124EH DDA114EH DDA143EH DDA124EH2 DDA123JH DDA1 |
Prebiased Transistors PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE
|
Diodes Incorporated
|
DDA142JH DDA142TH DDA122LH DDA122LH-1 DDA122TH DDA |
Prebiased Transistors PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
2N3728 |
Trans GP BJT PNP 60V 3A 3-Pin TO-5
|
New Jersey Semiconductors
|
2N3467 |
Trans GP BJT PNP 40V 1A 3-Pin TO-39
|
New Jersey Semiconductor
|