PART |
Description |
Maker |
TAZG336K010CRST0823 TAZG336K010CRST0824 TAZG336K01 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711 CHIP CAP 15UF 25V 10% TANT SMD-7238-28 WAFFLE-PAK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 15 uF, SURFACE MOUNT, 2915 CAP 3.3UF 10V 10% TANT SMD-5013-13 TR-7 B-MIL-PRF-5365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 2005 CAP 3.3UF 20V 10% TANT SMD-5025-13 TR-7 B-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 2010 CAP 4.7UF 50V 10% TANT SMD-.285X.150 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT, 2915
|
AVX, Corp.
|
135D606X0050T6 135D706X0015F2 135D405X0060C0 135D4 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 43 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 55UF 125VDC 20% 10.32 X 28.6MM AXL PLASTIC - Trays CAP 560UF 10VDC 20% 7.93 X 17.88MM AXL PLASTIC - Trays CAP 560UF 25VDC 20% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 30UF 6VDC 20% 5.57 X 13.08MM AXL PLASTIC - Trays Wet Tantalum Capacitors Tantalum-Case
|
Vishay Sprague Vishay Siliconix
|
TAJC107M006R TAJC107M010R TAJC226K025B TAJC226K025 |
CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2412 CAP 100UF 10V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2412 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2412 CHIP, LEAD FREE CAP 10UF 50V 10% TANT SMD-7343-31 TR-7 GOLD CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT, 2917 CAP 330UF 6V 10% TANT SMD-7343-31 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
TG-110 TG-112 TG-115 TG-117 TG-124 TG-123 TG-181 T |
HIGH ENERGY SPARK GAP DEVICES 高能火花隙装 Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 6.3V; Case Size: 2x1.25 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel HIGH ENERGY SPARK GAP DEVICES
|
Clare Inc CLARE[Clare, Inc.] CLARE[Clare Inc.]
|
KA431LZ KA431A KA431AD KA431AZ KA431Z KA431S KA431 |
Programmable Shunt Regulator Tantalum Molded High Reliability Capacitor; Capacitance: 4.7uF; Voltage: 10V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDIP8 Tantalum Molded High Reliability Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 可编程并联稳压器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
T520V227M2R5AE009 T520L337M2R5AE009 T520A476M2R5AE |
KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
|
Kemet Corporation
|
T495B106K025ZTE750 |
Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
|
Kemet Corporation
|
KBH4 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 25V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel
|
DC Components Co., Ltd.
|
KBL06 KBL005 KBL02 KBL04 KBL10 KBL08 KBL01 |
Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 1uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 4 AMP SILICON BRIDGE RECTIFIER 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
FUJI ELECTRIC CO LTD FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD. http://
|
KBP10 KBP01 KBP02 KBP005 KBP08 KBP04 KBP06 |
Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 6x3.2 mm; Packaging: Tape & Reel SINGLE-PHASE SILICON BRIDGE
|
GOOD-ARK[GOOD-ARK Electronics]
|
KBU1010G KBU1008G KBU1000G KBU1001G KBU1002G KBU10 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Bulk SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
|
济南固锝电子器件有限公司 Fuji Electric JGD[Jinan Gude Electronic Device]
|
|