PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
CY7C09079V CY7C09079V-12AC CY7C09079V-7AI CY7C0918 |
3.3V 64K x 8 Synchronous Dual-Port Static RAM(3.3V 64K x 8 同步双端口静态RAM) 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
|
Cypress Semiconductor Corp.
|
AL5DS9069V AL5DS9159V AL5DS9199V AL5DS9169V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit 3.3V的同步双端口SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
CY7C0851V |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K x 36同步双端口RAM)
|
Cypress Semiconductor Corp.
|
CYD02S36V CYD04S36V CYD09S36V CYD18S36V |
FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36同步双端口RAM) FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双口RAM(FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
CY7C09389 CY7C09389-12AC CY7C09389-6AC CY7C09389-7 |
32K/64K x16/18 Synchronous Dual Port Static RAM
|
Cypress Semiconductor
|
CY7C0851V CY7C0851V-133AC CY7C0851V-133BBC CY7C085 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C09089V CY7C09079V CY7C09099V CY7C91089V CY7C91 |
3.3V 32K/64K/128K x 8/9Synchronous Dual-Port Static RAM From old datasheet system
|
Cypress
|
IDT70V07L25PFI |
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Technology, Inc.
|