PART |
Description |
Maker |
LC587202A LC587204A LC587206A LC587208A |
4-bit Single-chip Microcontrollers LCD driver ROM: 2, 4, 6, or 8 K x 16 bits, RAM: 512 x 4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:2 /4 /6 /or8 K x 16 bits / RAM:512 x4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:246or8 K x 16 bits RAM:512 x4 bits CMOS IC 4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits Single-Chip 4-Bit Microcontroller with LCD Driver,512 ×4bit RAM,4K× 16 Bit ROM on chip(单片4位微控制器(带LCD驱动器,512 ×4位RAMK× 16位ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
ATR0885 |
3-output laser driver for hd-dvd/blu-ray/dvd/cd-rom From old datasheet system
|
ATMEL
|
LC877248A LC877256A LC877264A |
CMOS IC 8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|
LC665308A LC66P308 LC66P408 |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
http:// Sanyo Semicon Device
|
T6C96A |
The T6C96A is an advanced-function 4-bit single-chip microcontroller that integrates ROM, work RAM, I/O ports, timers and LCD driver, etc., into one chip.
|
TOSHIBA
|
LC587006 |
Single-Chip 4-Bit Microprocessors with LCD Driver,2 Kb RAM, and 12 KB ROM on chip(4位单片微控制器(带LCD驱动器,12K位ROMK位RAM 单芯位的LCD驱动器,2 Kb的RAM2片KB光盘位单片微控制器(带液晶显示驱动器.2万位光盘K位RAM)的微处理器
|
Sanyo Electric Co., Ltd.
|
LC865520B LC865512B LC865516B LC865504B LC865508B |
8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
LC868364A |
8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
|
Sanyo Semicon Device
|
|