PART |
Description |
Maker |
AN1179 |
ST7 - PROGRAMMING ST7 FLASH MICROCONTROLLERS IN REMOTE ISP MODE (IN-SITU PROGRAMMING)
|
SGS Thomson Microelectronics
|
MX10E8050IA MX10E8050IAQC MX10E8050IPC MX10E8050IQ |
On-chip Flash program memory with in-system programming
|
MCNIX[Macronix International]
|
AP1608 AP160860 |
In-circuit Programming of the C166 Family Flash Devices From old datasheet system
|
Infineon
|
ST10F163 6237 |
ST Embedded Algorithm Kernel (STEAK) for Flash Programming and Erasing From old datasheet system
|
STMicro
|
ATMEGA48 ATMEGA168 ATMEGA88 |
4K byte self-programming Flash Program Memory, 512 byte SRAM, 256 Byte EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega48V). 16K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega168V). 8K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega88V).
|
Atmel
|
M68HC711CFD M68HC711CFG M68HC711CFG_D M68HC711CFG/ |
CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers CONFIG REGISTER PROGRAMMING FOR EEPROM-BASED MHC MICROCONTROLLERS
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc. Freescale (Motorola)
|
SD-87280-0700 0872800700 |
2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 7 Circuits
|
Molex Electronics Ltd.
|
SD-87280-1500 0872801500 |
2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 15 Circuits
|
Molex Electronics Ltd.
|
0872800200 |
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 2 Circuits
|
Molex Electronics Ltd.
|
0871301400 87130-1400 |
2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 14 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0871300200 87130-0200 |
2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|