PART |
Description |
Maker |
ATTINY13 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte SRAM, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 16 MIPS throughput at 16 MHz, 5 Volts. 1.8 - 5.5 Volt Operation.
|
Atmel
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LC87F2W48A |
50K-byte FROM and 1536-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1028A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F83C8AU LC87F8396AU LC87F8364AU |
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
|
Sanyo Semicon Device
|
LC87FBK08A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
P89LPC932A1FDH P89LPC932A1FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
|
Philips
|
P89LPC932A1FDH P89LPC932A1FHN P89LPC932 P89LPC932A |
8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1095 LC87F1HC8SA |
CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F1A32A |
CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
|
Sanyo Semicon Device
|