PART |
Description |
Maker |
AP2204R-1.5TRG1 AP2204R-1.8TRG1 AP220410 AP2204K-2 |
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
|
Diodes BCD Semiconductor Manufacturing Limited
|
ACE504AADJAMA ACE504AADJAMB ACE504A18AMA ACE504A33 |
Wide Input Voltage Range, 150mA ULDO Regulator
|
ACE Technology Co., LTD.
|
MIC5301-2.1YD5 MIC5301-1.3YD5 MIC5301-2.9YD5 MIC53 |
Single, 150mA 渭Cap ULDO Single, 150mA μCap ULDO
|
Micrel Semiconductor
|
L6932D1.5 L6932D1.5TR L6932D1.8 L6932D1.8TR L6932D |
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO8
|
STMicroelectronics
|
AAT3221IGV-2.8-T1 AAT3222IGV-2.8-T1 AAT3221IGV-1.9 |
150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPower??LDO Linear Regulator
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
AP2318AMP-ADJTRG1 AP2318ADN-ADJTRG1 AP2318AMP-ADJT |
1A ULDO REGULATOR WITH ENABLE
|
Diodes
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AP2318DN-ADJTRG1 AP2318M-ADJTRG1 AP2318DN-1.3TRG1 |
600mA ULDO REGULATOR WITH ENABLE
|
Diodes
|
L6932H1.2 L6932H1.2TR L6932H12 |
High performance 2A ULDO linear regulator
|
STMicroelectronics
|