PART |
Description |
Maker |
ADR380 ADR380ART-REEL ADR380ART-REEL7 ADR381 ADR38 |
2.048 V and 2.5 V Bandgap Voltage References 2.048 V Bandgap Voltage Reference Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
|
AD[Analog Devices]
|
GLT41316-50J3 GLT41316-50FC GLT41316-12P GLT41316- |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 64K的16的CMOS动态RAM的快速页面模 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 64K的16的CMOS动态RAM的快速页面模 3.0V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 2.5V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 20ppm/Degrees C Max, 100uA, SOT23-3 Series Voltage Reference 3-SOT-23 -40 to 125 3.3V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 4.096V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.3V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 1.25V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 4.096V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.5V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 3.3V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 Enhanced Product 4 Ppm/Degreesc 100 Ua Sot23-6 Series Voltage References 6-SOT-23 -55 to 125
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
AME385AEAS-1 AME385AEATZ-1 AME385AEASZ-1 AME385AEA |
Shunt Bandgap Voltage Reference
|
Analog Microelectronics
|
GM71C4400CJ-80 GM71C4400CLJ-60 GM71C4400CLJ-70 GM7 |
1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM 1,048,576字4位的CMOS动态随机存储器
|
LG, Corp. LG Semicon Co.,Ltd.
|
MSM512200L-80SJ MSM512200L-60SJ MSM512200L-60TS-K |
1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE 1,048,576字2位动态随机存储器:快速页面模式型
|
OKI SEMICONDUCTOR CO., LTD.
|
ADR391 ADR391ART-REEL7 |
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage References with Shutdown
|
Analog Devices
|
AK5322048BW |
1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory 1,048,576 Word6位CMOS动态随机存取存储器
|
Accutek Microcircuit, Corp.
|
ADR370BRT-R2 ADR370ART-R2 |
Precision Low Power 2.048 V SOT-23 Voltage Reference
|
Analog Devices, Inc.
|
ADR370 ADR370BRT-R2 ADR370BRT-REEL7 ADR370ART-REEL |
Precision Low Power 2.048 V SOT-23 Voltage Reference
|
AD[Analog Devices]
|
MSM531622F |
1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit MASKROM(1M字6位或2M字位掩膜ROM 1,048,576字16位或2097152字8位MASKROM00万字× 16位或200万字× 8位掩膜ROM的字 From old datasheet system
|
OKI SEMICONDUCTOR CO., LTD.
|
74HCT9046AD 74HCT9046AN HCT9046 74HCT9046A |
PLL with bandgap controlled VCO
|
PHILIPS[Philips Semiconductors]
|
AD680 |
Bandgap, Low Power 2.5v Reference
|
Analog Devices
|