PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
STR-DE885 |
(STR-DE885 / STR-DE985) FM-AM Stereo Receiver
|
Sony
|
STR-DE475 |
(STR-DE475 / STR-K402) FM Stereo
|
Sony
|
135101-R1-11.00 135101-R1-07.00 135101-R1-18.00 13 |
SMA STR PLUG TO SMA STR PLUG, USING 0.085 CONFORMABLE CABLE, XX.XX LENGTH INTERCONNECTION DEVICE
|
Amphenol Corporation
|
135101-R2-11.00 135101-R2-18.00 135101-R2-05.00 13 |
SMA STR PLUG TO SMA STR PLUG, USING 0.141 CONFORMABLE CABLE, XX.XX LENGTH
|
Amphenol Corporation
|
2N2894 2N2818 2N2823 2N2892 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON TRANSISTOR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 30A I(C) | STR-5/16
|
SEME-LAB[Seme LAB]
|
384208 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
374003 |
Male Con. R/3, 30 Solder
|
ERNI Electronics
|
20SVP68M |
OS-CON 20SVP68M OS-CON20SVP68M
|
SanyoSemiconDevice
|
OP999 |
PIN Sili con Photodiode
|
OPTEK[OPTEK Technologies] ETC
|
100700760003 |
Male Con. E48 Solder
|
ERNI Electronics
|
2N3804 2N4985 2N1650 2N2632 |
SILICON UNIDIRECTIONAL SWITCH|8.2V V(BO) MAX|300UA I(S)|TO-18 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 3A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)|个STR - 10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 50MA I(C) | TO-71 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 50mA的一(c)|1
|
Mitsubishi Electric, Corp. Powerex, Inc.
|