PART |
Description |
Maker |
V23809-C8-T10 |
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver with ST Connector 多模1300纳米的LED与ST快速以太网/光纤分布式数据介 ATM70 MBdx9收发器?连接 MM 170 MBd FE/FDDI/ATM Transceiver
|
Infineon Technologies AG
|
2988188 |
Controller - ILC 155 ETH
|
PHOENIX CONTACT
|
STH51004X STH51005X Q62702-P3083 STH51004 STH51005 |
1300 nm Laser, High Power From old datasheet system 1300 nm Laser in Coaxial Package with SM-Pigtail High Power 1300 nm Laser in Coaxial Package with SM-Pigtail,High Power 1300 nm Laser in Coaxial Package with SM-Pigtail, High Power 1300 nm激光的同轴封装与钐尾纤,大功率
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
EKI-5524MMI-ST |
4-port 2x100FX port (Single/Multimode,SC/ST type), Fast Ethernet ProView Switch
|
Advantech Co., Ltd.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
BU204 BU205 BU2050F |
8-bit serial in/ parallel out driver IC POWER TRANSISTORS(2.5A/1300-1500V/36W) POWER TRANSISTORS(2.5A,1300-1500V,36W)
|
Rohm Mospec Semiconductor
|
BA2903F-E2 BA10393F-E2 BA2901F-E2 BA2901FV-E2 BA29 |
QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, QCC16 DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8
|
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|
SP5730A_KG_MP1S SP5730A_KG_MP1T SP5730A_KG_MP2S SP |
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Panel Flanged Jack RoHS Compliant: Yes PLL FREQUENCY SYNTHESIZER, 1300 MHz, PDSO16 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Bulkhead Jack RoHS Compliant: Yes PLL FREQUENCY SYNTHESIZER, 1300 MHz, PDSO16 1.3 GHz Low Phase Noise Frequency Synthesiser PLL FREQUENCY SYNTHESIZER, 1300 MHz, PDSO16
|
Zarlink Semiconductor, Inc. Infineon Technologies AG Zarlink Semiconductor Inc.
|
HFCT-5912E HFBR-5912E HFBR-0562 HFBR-0564 |
Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications 评估板吨,个RJ千兆以太网多模应 Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications 评估板吨,个RJ千兆以太网多模和单模应用 HFCT-5912E · 1.25 Gbit/s SMF (10km) Small Form Factor Transceiver for Gigabit Ethernet (1000Base-LX) HFBR-5912E · 1.25 Gbit/s MMF (500m) SFF MT-RJ Transceiver for Gigabit Ethernet (1000Base-SX) HFBR-0564 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications HFBR-0562 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
LM339AE CA239AM CA239AF |
QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDIP14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, CDIP14
|
HARRIS SEMICONDUCTOR
|
SKT593F08DS SKT593F09DS SKT593F10DS SKT513F11DT SK |
1500 A, 800 V, SCR, TO-200AC 1500 A, 900 V, SCR, TO-200AC 1500 A, 1000 V, SCR, TO-200AC 1300 A, 1100 V, SCR, TO-200AC 1300 A, 800 V, SCR, TO-200AC 1300 A, 1000 V, SCR, TO-200AC
|
SEMIKRON INTERNATIONAL
|
|