PART |
Description |
Maker |
SSU1N60A SSR1N60A |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 900MA I(D) | TO-252AA EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 900mA的一(d)|51AA
|
Analog Devices, Inc.
|
CY3681 CY7C68013-56PVC CY7C68013-128AC |
EZ-USB FX2 USB Microcontroller High-speed USB Peripheral Controller EZ-USB FX2USB Microcontroller High-speed USB Peripheral Controller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
CY7C68013 CY7C68013-100AC CY7C68013-128AC CY7C6801 |
EZ-USB FX2 USB Microcontroller High-speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C64713-56LTXC CY7C64713-56LFXC CY7C64713-100AXC |
EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68016A-56LTXC CY7C68013A09 CY7C68013A-56LTXC C |
EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C64713 CY7C64714 |
EZ-USB FX1 USB Microcontroller Full-speed USB Peripheral Controller(EZ-USB FX1 USB微控制器,全速USB外设控制
|
Cypress Semiconductor Corp.
|
CY7C63743-SC CY7C63722-XC CY7C63723-SC CY7C63743-P |
enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP24 enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDSO18
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C63723-PXC CY7C63743-PXC CY7C63723-QXC |
enCoRe USB combination low-speed USB & PS/2 peripheral controller. EPROM size 8 KB.
|
Cypress
|
CY7C66113C-XC CY7C66013C-PVXC CY7C66113C-LTXC CY7C |
Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDSO56
|
Cypress Semiconductor, Corp.
|
SST32HF202-70-4C-L3K SST32HF202-90-4C-L3K SST32HF2 |
RAW120-02378-0001 CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 2K x 8 Dual-Port Static RAM Low-Cost 3.3V Zero Delay Buffer MIXED MEMORY|SRAM EEPROM|CMOS|BGA|48PIN|PLASTIC 混合存储器|静态存储器EEPROM中|的CMOS | BGA封装| 48PIN |塑料
|
Microchip Technology, Inc.
|