PART |
Description |
Maker |
8564EC-103 8560EC-103 8561EC-103 8562EC-103 8563EC |
Spectrum Analyzers
|
Agilent(Hewlett-Packard)
|
N8975A N8973A |
NFA Series Noise Figure Analyzers
|
Agilent(Hewlett-Packard)
|
EM2-DINAV53XXX |
Panel Meters and Controllers Power Analyzers and Energy Meters
|
Carlo Gavazzi
|
HCPL-6250 HCPL-625K HCPL-625X 5962-8876801PA 5962- |
Hermetically Sealed. Low If. Wide Vcc. Logic Gate Optocouplers 密封。如果低。宽的VCC。逻辑门光电耦合 HCPL-523K-300 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-523K-100 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KXA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-520K-100 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers HCPL-520K-300 · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KPC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KXA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801PC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KPA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901PA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801PA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801XA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801YA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876801YC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KYA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876802KYC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901PC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901XA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901YA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876901YC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-88769022A · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876903FC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KPA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KPC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KYA · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876904KYC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876905K2A · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers 5962-8876906KFC · Hermetically Sealed, Low If, Wide Vcc, Logic Gate Optocouplers
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
74OL6001NL |
6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor, Corp.
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BU4S81 |
Standard Logic LSIs > CMOS logic BU4S Series Single 2-input AND gate
|
ROHM[Rohm]
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
CD4050BMS |
Buffer/Converter, Logic Level Conversion, Hex, (UnBuffered), Rad-Hard, CMOS, Logic
|
Intersil
|
BU4052BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4042B |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
|