PART |
Description |
Maker |
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
BP5232-33A BP5233-33A BP5234-33A BP5232-25A |
DC / DC converter Regulator LSIs > General purpose regulator module > Large current output DC/DC converter module Power Modules > Step-down DC/DC Converter > Large current output DC/DC Converter
|
Rohm CO.,LTD. ROHM[Rohm]
|
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
SP9501AN SP9501KS SP9501 SP9501AS SP9501BN SP9501B |
SERIAL INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Voltage Output D/A Converter 12位电压输出D / A转换 12-Bit Voltage Output D/A Converter
|
Glenair, Inc. SIPEX[Sipex Corporation]
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
UHR-151300-D12 UHR-151300-D48 UHR-3.34850-D12 UHR- |
15V 16-20W, single output DC/DC converter 3.3V 16-20W, single output DC/DC converter 12V 16-20W, single output DC/DC converter
|
Datel
|
GS2T5-5D15 |
2W Triple Output DC-DC Converter(2W三输出DC-DC转换 2 W TRIPLE OUTPUT DC-DC CONVERTER
|
意法半导 STMicroelectronics
|
BWR-12125-D12 BWR-12125-D48 BWR-15100-D12 BWR-1210 |
12V 3W, dual output DC/DC converter 15V 3W, dual output DC/DC converter
|
Datel
|
BWP-12105-D5 BWP-12125-D12 BWP-12125-D48 BWP-15100 |
12V 3W, dual output DC/DC converter 15V 3W, dual output DC/DC converter
|
Datel
|
VEFT1-S3.3-S3.3-SMT VEFT1-S3.3-S5-SMT VEFT1-S5-S9- |
1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE single output series dc-dc converter
|
CUI INC,
|
MAX5072ETJ MAX5072ATJ |
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
|
Maxim Integrated Products
|
MAX5072 |
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
|
Maxim
|