PART |
Description |
Maker |
338LMU035M2BD 478LMU035M2BE 688LMU035M2BG 338LMU03 |
105°C Long Life Snap-Mount Aluminum Electrolytic Capacitors 105∑C Long Life Snap-Mount Aluminum Electrolytic Capacitors 105隆?C Long Life Snap-Mount Aluminum Electrolytic Capacitors 105掳C Long Life Snap-Mount Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
CD297BB |
EC Snap-In 105°C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
|
Jianghai Europe GmbH
|
CD29HQH |
EC Snap-In 105∑C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
南通江海电容器股份有限公司
|
CD299PG |
EC Snap-In 105∑C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
G8522-02 G8522 G8522-01 G8522-03 |
Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 420V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 180V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 420V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 560uF; Voltage: 180V; Case Size: 22x30 mm; Packaging: Bulk GaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
EKMR161VSN122MQ35S EKMR351VSN221MP30S EKMR351VSN22 |
Downsized snap-ins, 105?
|
United Chemi-Con, Inc.
|
107LBA500M2BF 157LBA500M2BH 107LBA500M2CD 157LBA50 |
85°C Snap-Mount Aluminum Electrolytic Capacitors 85∑C Snap-Mount Aluminum Electrolytic Capacitors 85隆?C Snap-Mount Aluminum Electrolytic Capacitors 85掳C Snap-Mount Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
3410DG681M400HPA1 3410DF471M400HPA1 3410DG821M350H |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1600 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1600 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 1600 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 2600 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 5600 uF, THROUGH HOLE MOUNT CAN 85 垄陋C, 4-Pin, Multipin Snap-In Aluminum Electrolytic 85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic 85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
|
Cornell Dubilier Electronics, Inc.
|
SXR100K101A1 SXR100K101A2 SXR100K101A4 SXR100K101A |
105 oC Long Life Aluminum Electrolytic Capacitors 105 篓卢C Long Life Aluminum Electrolytic Capacitors 105 ìC Long Life Aluminum Electrolytic Capacitors
|
Cornell Dubilier Electr... Cornell Dubilier Electronics
|