PART |
Description |
Maker |
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
SA24C1024LZEMFF SA24C1024LZENFX SA24C1024LZENX SA2 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS TRANS PNP W/RES 30 HFE SSMINI 3P TRANS PNP W/RES 160HFE SSMINI 3P 1024Kb EEPROM IIC
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
DDTA142JU-7 |
TRANS PREBIASED PNP SOT-323 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDTA114GCA-7 |
TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDTB142TC-7 |
TRANS PREBIASED PNP 200MW SOT-23 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
CAT5115 CAT5115ZI-50TESSOP CAT5115LI-00MSOP CAT511 |
32-Tap Digitally Programmable Potentiometer TRANS PNP HF 15VCEO 2.5A MINI 3P CONNECTOR ACCESSORY CABLE CAT6 UNSHIELDED GRAY .5M 32-Tap Digitally Programmable Potentiometer 32抽头数字可编程电位器
|
CATALYST[Catalyst Semiconductor] Samsung Semiconductor Co., Ltd. Atmel, Corp.
|
WT1812ML450A WT1812ML120A LITTELFUSEINC.-WT1812ML2 |
TRANS NPN W/RES 60 HFE MINI 3P Multilayer Ceramic Transient Voltage Suppressor Standard Capacity 多层陶瓷瞬态电压抑制器标准容量
|
Littelfuse, Inc.
|
2N3638A |
Trans GP BJT PNP 25V
|
New Jersey Semiconductor
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
MJE2100 |
Trans GP BJT PNP 25V 5A 3-Pin TO-126
|
New Jersey Semiconductor
|
MJE254 |
Trans GP BJT PNP 100V 4A 3-Pin TO-126
|
New Jersey Semiconductors
|
|