PART |
Description |
Maker |
MR80C86-2B 8405202QA |
CMOS 16-Bit Microprocessor 的CMOS 16位微处理 MB 31C 31#16 SKT REP 16-BIT, 8 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
P1750A-30QLMB P1750A-20PGMB P1750A-30PGMB P1750A-3 |
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, QFP68
|
Pyramid Semiconductor, Corp.
|
EM78P156E EM78P156E.PDF |
From old datasheet system 8 Bit MCU 8-bit microprocessor with low-power and high-speed CMOS technology
|
义隆 EMC [ELAN Microelectronics Corp]
|
R80C188XL-25 SB80C188XL-25 TN80C188XL-25 TS80C188X |
16-BIT, 25 MHz, MICROPROCESSOR, CQCC68 CERAMIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 25 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 EIAJ, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68 16-BIT, 25 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68
|
Intel, Corp.
|
ID80C86 |
CMOS 16-Bit Microprocessor
|
Intersil
|
8086 |
CMOS 16-Bit Microprocessor
|
Intersil
|
MSM80C86A-10GS MSM80C86A-10RS MSM80C86A-10JS |
16-Bit CMOS MICROPROCESSOR
|
OKI SEMICONDUCTOR CO., LTD.
|
|