PART |
Description |
Maker |
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC10E158-D |
5V ECL 5-Bit 2:1 Multiplexer
|
ON Semiconductor
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
FST34170 FST34170MTD |
17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch 17位至34位复用器/解复用器总线开 17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch CBT/FST/QS/5C/B SERIES, 17 1 LINE TO 2 LINE MULTIPLEXER AND DEMUX/DECODER, TRUE OUTPUT, PDSO56
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC100LVE164-D |
3.3V ECL 16:1 Multiplexer
|
ON Semiconductor
|
MC100LVEL5806 MC100LVEL58MNR4G MC100LVEL58 MC100LV |
3.3V ECL 2:1 Multiplexer
|
ONSEMI[ON Semiconductor]
|
AZ100LVEL58TR2 AZ100LVEL58DR1 AZ100LVEL58DR2 |
3.0 V-5.5 V, ECL/PECL 2:1 multiplexer
|
Arizona Microtek
|
AZ100EL58D AZ100EL58T AZ10EL58T AZ10EL58 AZ10EL58D |
ECL/PECL 2:1 Multiplexer
|
AZM[Arizona Microtek, Inc]
|
AZ100EL58 |
ECL/PECL 2:1 Multiplexer
|
Arizona Microtek
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100EL56DW MC100EL56DWG MC100EL56DWR2 MC100EL56DW |
5V ECL Dual Differential 2:1 Multiplexer
|
ONSEMI[ON Semiconductor]
|
NB100LVEP56DTG NB100LVEP56DTR2G NB100LVEP56_06 NB1 |
2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
|
ONSEMI[ON Semiconductor]
|