PART |
Description |
Maker |
LTV829 LTV-819 LTV819 |
(LTV-819 Series) High Density Mounting Type Photocoupler
|
LITE-ON Electronics
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
LTV844 LTV814 LTV824 LTV824M LTV824S LTV-844 LTV84 |
1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT, DIP-4 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to C; Capacitance:270uF RoHS Compliant: No 按揭- 844S 50 OHM STRAIGHT T/H JACK RECEPTACLE LTV-844S (LTV8xx) NPN-OUTPUT AC-INPUT OPTOCOUPLER (LTV8xx) LTV-844x
|
LITE-ON ELECTRONICS INC Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON Lite-On Technology Corporation
|
DX30M-68-CV DX30M-14-CV DX30M-20-CV DX30M-26-CV DX |
DXM SERIES HIGH-DENSITY I/O CONNECTOR
|
HIROSE[Hirose Electric]
|
638-015-230-042 638-015-230-048 638-015-230-046 63 |
638 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
|
List of Unclassifed Manufacturers
|
DX30M-36-CV DX30M-26-CV DX30M-68-CV DX30M-14-CV DX |
DXM SERIES HIGH-DENSITY I/O CONNECTOR 地塞米松系列高密度I / O连接
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
600-146-02 600-146-03 600-146-05 600-146-06 |
Series 811 Mighty Mouse High Density (HD) Double-Start ACME Threads General Information, Connector Selection Guide
|
Glenair, Inc.
|
809-190 |
Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
|
Glenair, Inc.
|