PART |
Description |
Maker |
B5213 B5213-3 B5213-28 |
100mA, Cap, Low Dropout Voltage Regulator Smallest SC70 3V 100mA low dropout voltage regulator 28V 100mA low dropout voltage regulator
|
BayLinear
|
DTA125TA DTA143XLA DTA143XAA DTA144GFA DTB114GF DT |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SIP TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | 50V V(BR)CEO | 70MA I(C) | SC-71 TRANSISTOR | 50V V(BR)CEO | 20MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 100mA的一c)|园区 TRANSISTOR | 50V V(BR)CEO | 500MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 500mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-71VAR 晶体管| 50V五(巴西)总裁| 100mA的一(c)|资深大律师,71VAR TRANSISTOR | 50V V(BR)CEO | 30MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 30mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 30MA I(C) | SIP 晶体管| 50V五(巴西)总裁| 30mA的一c)|园区 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 100mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 50MA I(C) | SIP 晶体管| 50V五(巴西)总裁| 50mA的一(c)|园区 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-23 晶体管| 50V五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Air Cost Control Delta Electronics, Inc. Yageo, Corp. Rohm Co., Ltd. Electronic Theatre Controls, Inc. Intel, Corp. Diodes, Inc.
|
BC556A/E7 BC556A/E6 BC556C/E6 BC556C/E7 BC557C/E7 |
TRANSISTOR | BJT | PNP | 65V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|2
|
Infineon Technologies AG NXP Semiconductors N.V.
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
MAX4828ELT MAX4827ELT MAX4826ELT MAX4829ELT MAX482 |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in μDFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in 楼矛DFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in レDFN
|
Maxim Integrated Products
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
NE85618 NE85619 |
TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-343R TRANSISTOR,BJT,NPN,12V V(BR)CEO,100MA I(C),SOT-23VAR From old datasheet system
|
NEC Electron Devices
|
LP2950ACN-3-3/TR LP2950ACN-L-3-3/TR LP2950CN-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 100mA Low Dropout Voltage Regulators 100mA Low Dropout Voltage Regulators
|
http:// Sipex Corporation
|
BC857AR BC860CR BC858BR BC857BR BC856BR BC857CR |
POWER JACK DC 2.5MM CHASSIS MOUNT SHIELDED TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | BJT | PNP | 65V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-236 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|36 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | TO-236 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一c)|36 POWER JACK DC 2.5MM CHASSIS MOUNT SHIELDED 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)|36
|
NXP Semiconductors N.V. Unisonic Technologies Co., Ltd. Electronic Theatre Controls, Inc.
|
CS-8151 |
5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V00mA的低压差线性稳压器,带有看门狗复位
|
TURCK, Inc.
|
2SA640 2N5826 2N5828 2N4964 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 100MA I(C) | TO-106 晶体管|晶体管|进步党| 40V的五(巴西)总裁| 100mA的一(c)|106 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR|BJT|PNP|50VV(BR)CEO|50MAI(C)|TO-92
|
EPCOS AG
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|