PART |
Description |
Maker |
IDT72V36106L10PF IDT72V3696L15PF IDT72V36106 IDT72 |
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
IDT723656 IDT723666 IDT723676 IDT723676L12PF IDT72 |
8K x 36 x 2 Triple-Bus FIFO, 5.0V CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
|
IDT Integrated Device Technology, Inc.
|
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
72V3664L15PFG8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
|
Integrated Device Techn...
|
IDT723656 |
CMOS TRIPLE BUS SyncFIFO?
|
IDT
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
IDT74LVCH16543APV IDT74LVCH16543A IDT74LVCH16543AP |
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
|
IDT[Integrated Device Technology]
|
IDT74LVCC3245ASO IDT74LVCC3245A IDT74LVCC3245APG I |
CMOS OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
S25FL016A08 S25FL016A0LNAI000 S25FL016A0LNAI001 S2 |
16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
|
SPANSION
|
S25FL008A S25FL008A0LNFI001 S25FL008A0LNFI003 S25F |
8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
|
SPANSION
|