PART |
Description |
Maker |
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
GBJ10K GBJ10A GBJ10B GBJ10D GBJ10G GBJ10J |
Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 4V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 10x10 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 10A GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
APS-4R0ELL561MHB5S APS-100ELL561MJC5S APS-4R0ETD56 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 35 V, 18 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 20 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 25 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 20 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 180 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
NSPZ821M4V10X12.7TR15F NSPZ681M2.5V8X12.5TR15F NSP |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 680 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 1500 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, SURFACE MOUNT ROHS COMPLIANT
|
NIC Components, Corp.
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UZR0J101MCL1GB |
Aluminum Electrolytic SMT 3.95mm Length General Purpose Capacitor; Capacitance: 100uF; Voltage: 6.3V; Case Size: 6.3x3.9 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
EEFFD0D680R EEFCD0K330R EEFCD0G560R EEFCD1C8R2R EE |
Specialty Polymer Aluminum Electrolytic Capacitor
|
PANASONIC[Panasonic Semiconductor]
|
HZA336M063F24VT-F |
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
|
Cornell Dubilier Electr...
|
FP-4R0CS151M-E0R015 FP-4R0CS221M-ER025 FP-4R0CS221 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 150 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 220 uF, SURFACE MOUNT CHIP, LEAD FREE
|
Fujitsu, Ltd.
|
|