PART |
Description |
Maker |
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
KBU1001 KBU1002 KBU1006 KBU10005 KBU1004 KBU1010 K |
Tantalum Molded Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 1.1x3.4 mm; Packaging: Tape & Ammo 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 AMP SILICON BRIDGE RECTIFIER
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
FFB10UP20STM |
Ultrafast Recovery Power Rectifier; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Fairchild Semiconductor, Corp.
|
1N1190 JANTXV1N3768R 1N1184 1N1184R 1N1186 1N1186R |
Standard Rectifier (trr more than 500ns) Quad Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 16-PDIP -40 to 125 35 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB Quad Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 16-SOIC -40 to 125 35 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB Military Silicon Power Rectifier 35 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB Military Silicon Power Rectifier 35 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AB Single Wide-Bandwidth High-Output Drive Single-Supply Op Amp With Shutdown 8-SOIC 0 to 70 35 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 Quad Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 16-PDIP -40 to 125 35 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB Quad Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 20-HTSSOP -40 to 125 35 A, 400 V, SILICON, RECTIFIER DIODE, DO-5
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
S2M |
1.5A General Purpose Rectifier; Package: DO-214AA(SMB); No of Pins: 2; Container: Tape & Reel 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-214AA
|
Fairchild Semiconductor, Corp.
|
CBR50-020P CBR50-100P CBR50-040P CBR50-060P CBR50- |
50 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
JHV37H2O PHV616 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 85; Vrwm (V): 20000; IR (µA): 50; 85 A, SILICON, RECTIFIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 15; IFSM (A): 400; Vrwm (V): 16000; IR (µA): 5000; 20 A, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
CBR1-D100S CBR1-D060S CBR1-D020S CBR1-D020S10 CBR1 |
SURFACE MOUNT 1 AMP SILICON BRIDGE RECTIFIER SURFACE MOUNT1 AMP SILICON BRIDGE RECTIFIER
|
Central Semiconductor Corp Central Semiconductor C...
|
FR607 FR601 FR602 FR603 FR604 FR605 FR606 |
6 Amp Fast Recovery Rectifier 50 to 1000 Volts 6 A, 50 V, SILICON, RECTIFIER DIODE
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
MBR545F |
5 Amp Schottky Barrier Rectifier 45 Volts 5 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] http://
|
7R8S 10R8S 12R8S 15R8S 4R8S 5R8S |
40 AMP 40-150 VOLTS 50 nsec RECTIFIER 100 A, SILICON, RECTIFIER DIODE, DO-5
|
Solid States Devices, I... Solid States Devices, Inc. SSDI[Solid States Devices, Inc] Solid State Devices, Inc.
|
|