PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PMV45EN PMV45EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET mTrenchMOS enhanced logic level FET From old datasheet system mTrenchMOSTM enhanced logic level FET
|
NXP Semiconductors N.V. Philips
|
SUD40N06-25L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET Logic Level
|
VISAY[Vishay Siliconix]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
PMV45EN |
N-channel TrenchMOS logic level FET Logic-level compatible Very fast switching
|
TY Semiconductor Co., Ltd
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FDB886010 FDB8860F085 FDB8860-F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.6m
|
Fairchild Semiconductor
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
PHU108NQ03LT PHU108NQ03LT127 PHB108NQ03LT PHD108NQ |
N-channel TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 PLASTIC, IPAK-3 N-channel TrenchMOS logic level FET
|
NXP Semiconductors N.V.
|
FDS894910 FDS8949 FDS8949-F085 |
Dual N-Channel Logic Level PowerTrench MOSFET Dual N-Channel Logic Level PowerTrench垄莽 MOSFET Dual N-Channel Logic Level PowerTrench庐 MOSFET Dual N-Channel Logic Level PowerTrench? MOSFET
|
Fairchild Semiconductor
|
AIC1720 AIC1720-30 AIC1720-30CS AIC1720-30CX AIC17 |
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-CDIP -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SOIC -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-TSSOP -55 to 125 100mA Low Dropout Linear Regulator 100mA的低压差线性稳压器 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SO -55 to 125 100mA的低压差线性稳压器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
|