PART |
Description |
Maker |
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
AU9432R2 |
Integrated single chip USB keyboard and 2 port hub controller Multimedia USB Keyboard Hu
|
Alcor Micro Corp
|
FT245R FT245RL-2000 FT245RQ-6000 FT245R10 |
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
|
Future Technology Devices International Ltd.
|
TFBGA100 LPC2364HBD100 LPC2364FET100 LPC2364FBD100 |
ARM7 with 128 kB flash, 34 kB SRAM, Ethernet, USB 2.0 Device, CAN, and 10-bit ADC ARM7 with 512 kB flash, 58 kB SRAM, Ethernet, USB 2.0 Device, CAN, SD/MMC, and 10-bit ADC Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flashnull Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PAW3515DB |
USB OPTICAL MOUSE SINGLE CHIP
|
Pixart Imaging Inc.
|
HT82M22 HT82M22A |
5-Key 3D USB PS/2 Optical Mouse Controller
|
Holtek Semiconductor Inc
|
HT82M25X |
3/5-Key USB PS/2 Optical Mouse Controller
|
Holtek Semiconductor Inc
|
CP2110 |
SINGLE-CHIP HID USB TO UART BRIDGE
|
Silicon Laboratories
|
ADNS-2710 |
Single Chip USB Optical Mouse Sensor
|
Pixart Imaging Inc.
|
ADNS-2700 |
Single Chip USB Optical Mouse Sensor
|
Pixart Imaging Inc.
|