PART |
Description |
Maker |
AM49DL320BGT851 AM49DL320BGT85IS AM49DL320BGT85IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
AM42DL640AG45IT AM42DL640AG25IT AM42DL640AG |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION http://
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29DL320GT90PCI AM29DL320GT90WDFN AM29DL320GT50WD |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F400AB-65EC AM29F400AB-65EI AM29F400AB-65FC AM |
Dual Retriggerable Monostable Multivibrators 16-SO -40 to 85 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 512K X 8 FLASH 5V PROM, 120 ns, PDSO48 4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 4兆位24,288 x 8-Bit/26244 x 16位).0伏的CMOS只,扇区擦除闪存 4 Megabit (524/288 x 8-Bit/262/144 x 16-Bit) CMOS 5.0 Volt-only/ Sector Erase Flash Memory Dual Retriggerable Monostable Multivibrators 16-TVSOP -40 to 85 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 4 Megabit (524,288x8-bit/262, 144x16 bit) CMOS 5.0Volt-only, sector erase flash memory
|
AMD Advanced Micro Devices, Inc.
|
AM49PDL127BH66IS AM49PDL127BH66IT AM49PDL129BH AM4 |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
|
SPANSION[SPANSION]
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
|