PART |
Description |
Maker |
71M6103-IF 71M6103-IL 71M6103-ILF 71M6103-ILR 71M6 |
On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
|
Maxim Integrated Products
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
MPXV5004G_07 MPXV5004DP MPXV5004G MPXV5004G6T1 MPX |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 2.50%, 1-4.90V, RECTANGULAR, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
MPX5500 MPX5500D MPX5500DP |
MPX5500 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated INTEGRATED SILICON PRESSURE SENSOR ON CHIP SIGNAL CONDITIONED TEMPERATURE COMPENSATED AND CALIBRATED
|
MOTOROLA[Motorola, Inc]
|
MPX5100 MPX5100A MPX5100AP MPX5100D MPX5100DP MPX5 |
MPX5100 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
MOTOROLA[Motorola, Inc]
|
MPX5999D |
MPX5999D Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
|
Motorola
|
MAX664209 MAX6642ATT90-T MAX6642ATT92-T MAX6642ATT |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 隆戮1隆?C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 卤1掳C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MPX510010 MPXV5100GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
MPVZ4006G MPVZ4006G6T1 MPVZ4006G6U MPVZ4006G7U MPV |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|