PART |
Description |
Maker |
HN462716 HN462716G |
2048-WORD x 8-BIT UV ERASABLE AND ELECTRICALLY PROGRAMMABLE ONLY MEMORY 2048 word x 8 Bit UV Erasable and EPROM
|
HITACHI[Hitachi Semiconductor]
|
IS93C56 |
2048-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
HN2716 |
2048-word x 8bit Erasable and Electrically Programmable Only Memory
|
Hitachi,Ltd.
|
BR24L01AF-W BR24L01AFV-W BR24L01AFVM-W BR24L01 BR2 |
1288 bit electrically erasable PROM 128】8 bit electrically erasable PROM
|
ROHM[Rohm]
|
IDT72510 IDT72510L25J IDT72510L35J IDT72510L50J ID |
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
|
IDT[Integrated Device Technology]
|
LRIS2K-W4_22 LRIS2K-SBN18 LRIS2K-A1S LRIS2K-A1T LR |
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
S11155-2048-01 |
S11155-2048-01 S11156-2048-01
|
Hamamatsu Corporation
|
M5L8155P |
2048-Bit Static Ram
|
Mitsubishi
|
UPB412 UPB412C UPB412D |
2048 BIT BIPOLAR TTL
|
NEC
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS93C76A IS93C86A |
(IS93C76A / IS93C86A) 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|