PART |
Description |
Maker |
2SK3782 |
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM N沟道硅片结型场效应晶体管的阻抗流脑转 N-channel Silicon J-FET
|
NEC, Corp. NEC[NEC]
|
2SK3078A |
Field Effect Transistor Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SK231202 2SK231207 2SK2312 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (L2-PI-MOSV) CHOPPER Regulator, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−?MOSV) TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−ば-MOSV)
|
Toshiba Semiconductor
|
TPC6101 TPC6.01 |
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII) CONNECTOR ACCESSORY Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII) Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor Toshiba Corporation
|
GT15M321 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRF540_D ON0285 IRF540/D IRF540-D IRF540 |
27 A, 100 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100V7A TMOS Power Field Effect Transistor (N-Channel Enhancement Mode Silicon Gate100V7A TMOS功率场效应管(N沟道增强型硅门)) From old datasheet system TMOS POWER FET 27 AMPERES TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola, Inc. ON Semiconductor
|
2SK3236 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS) From old datasheet system Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor Hitachi Semiconductor
|
SSM3K12T |
Field Effect Transistor Silicon N Channel MOS Type/Category DC-DC Converter High Speed Switching Applications CategoryTOSHIBA Field Effect Transistor Silicon N Channel MOS Type/Category
|
TOSHIBA[Toshiba Semiconductor]
|
IRFP443R IRFF430R IRF731R IRF732R IRFP442R IRFP342 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 500MA I(D) | TO-250VAR Rugged Series Power MOSFETs - N-Channel TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2.75A I(D) | TO-205AF TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 5.5A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 4.5A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 7.7A I(D) | TO-247 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 8.7A I(D) | TO-247AC TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 10A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 3.3A I(D) | TO-220AB TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 5.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 4.5A I(D) | TO-204AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 6.8A I(D) | TO-247 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 6.8AI(四)|47 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 5.4A I(D) | TO-204AA 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 5.4AI(四)|04AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 4A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 4A条(丁)| TO - 220AB现有 TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 2.25A I(D) | TO-205AF 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 2.25AI(四)|05AF TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 1.35A I(D) | TO-205AF 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 1.35AI(四)|05AF TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 4A I(D) | TO-204AA
|
International Rectifier, Corp. Intersil, Corp. Infineon Technologies AG Fairchild Semiconductor, Corp.
|
ECH8901 |
PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
|
Sanyo Semicon Device
|