PART |
Description |
Maker |
SMLVT3V3 |
LOW VOLTAGE TRANSIL
|
TY Semiconductor Co., Ltd
|
SMLVT3V3 |
LOW VOLTAGE TRANSIL LOW VOLTAGE TRANSILTM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|
ESDAVLC8-1BU2 |
Single-line low capacitance Transil
|
STMicroelectronics
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
ESDALC6V1F2 |
Quad low capacitance Transil array for ESD protection
|
STMicroelectronics
|
ESDALC6V1C2 |
Quad low capacitance TRANSIL array for ESD protection
|
STMicroelectronics
|
ESDALC6V1P6 ESDALC6V1P |
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION TRANSIL四低电容ESD保护阵列
|
STMicroelectronics N.V.
|
P0900SALRP P0900SBLRP P0900SCLRP P0720SBLRP P0720S |
Low voltage overshoot, Low on-state voltage, Low capacitance Baseband Protection (Voice-DS1)
|
Littelfuse
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
MCC[Micro Commercial Components]
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|