PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
SUD45N05-20L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 50-V (D-S), 175C MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
PHU78NQ03LT PHP78NQ03LT |
N-channel TrenchMOS logic level FET N-channel TrenchMOSTM logic level FET 75 A, 25 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PHP191NQ06LT PHB191NQ06LT |
Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology PHP/PHB191NQ06LT; N-channel Trenchmos (tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SUD10P06-280L SUU10P06-280L |
P-Channel 60-V (D-S), 175C MOSFET, Logic Level P通道60 -五(副)75 MOSFET的逻辑电平 P-Channel 60-V (D-S), 175 grades C MOSFET, Logic Level P-Channel 60-V (D-S), 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
FDD24AN06LA0 |
60V N-Channel Logic Level PowerTrench MOSFET N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FDN5632NF085 |
N-Channel Logic Level PowerTrench? MOSFET 60V, 1.6A, 98mΩ N-Channel Logic Level PowerTrench㈢ MOSFET 60V, 1.6A, 98mヘ
|
Fairchild Semiconductor
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
IRLR_U110A IRLRU110A IRLR110A IRLU110A IRLR110ATF |
100V N-Channel Logic Level A-FET / Substitute of IRLU110 100V N-Channel Logic Level A-FET / Substitute of IRLR110 ADVANCED POWER MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|