PART |
Description |
Maker |
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N3634 JANTX2N3634 JANTX2N3634L JANTX2N3635 JANTX2 |
PNP SILICON AMPLIFIER TRANSISTOR PNP Transistor PNP SILICON AMPLIFIER TRANSISTOR 1000 mA, 175 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
BD526 BD530 BD528 BD530-5 BD528-5 BD526-5 |
PNP silicon annular amplifier transistor. 10 W, 60 V. PNP silicon annular amplifier transistor. 10 W, 80 V. PNP silicon annular amplifier transistor. 10 W, 100 V. PNP SILICON AMPLIFIER TRANSISTORS 进步党硅晶体管放大器
|
MOTOROLA[Motorola, Inc] Motorola Inc Motorola Mobility Holdings, Inc.
|
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
2SA1942O 2SA1942 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE POWER AMPLIFIER APPLICATIONS TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 12A I(C) | TO-264AA
|
TOSHIBA
|
557B 558B BC557A |
PNP Silicon Amplifier Transistor 625mW 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
BC636BU09 BC636TF |
Switching and Amplifier Applications PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPS6651 MPS6601 MPS6602 MPS6652 ON2329 |
Amplifier Transistors 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 (MPS6602) Amplifier Transistors Voltage and current are negative for PNP transistors From old datasheet system
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|