PART |
Description |
Maker |
MAX6138 MAX6138CEXR30-T MAX6138CEXR33-T MAX6138AEX |
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AQ431LBZ-N3-12-TRL AQ431LBYM3-12-TRL AQ431LBY-N3-1 |
1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
|
http:// Acutechnology Semiconductor
|
MAX6775 MAX6775LTBT MAX6776XKT MAX6776LTAT MAX6776 |
02/1R/.100/SHUNT/STR/GREY/30U Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages 低功耗,1%,精确的电池在UDFN微型监视器及SC70封装
|
Maxim Integrated Products, Inc.
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|
NJU6620 NJU6620CH |
1.2-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 1.2-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85
|
New Japan Radio Co., Ltd.
|
FC0603E50R0BST1 FC0603E5100FGWS FC0603E50R0BTBTS F |
THIN FILM,0603,25PPM,50,.1%,TR,HAZMAT - Tape and Reel THIN FILM,0603,125MW,510,1%,25PPM - Waffle Pack FC High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip RES THNFLM 0603 33.2 OHM 1% 1/8W 100PPM MLD SMD - Tape and Reel THIN FILM 0402 332 0.1% 25PPM - Tape and Reel RES THNFLM 0603 17.8 OHM 1% 1/8W 100PPM MLD SMD - Tape and Reel THIN FILM,0402,100,.1%,25PPM - Bulk THIN FILM,0402,122,0.1%,25PPM - Tape and Reel RES THNFLM 0603 53.6 OHM 0.1% 1/8W 25PPM MLD SMD - Tape and Reel THIN FILM,HF,0603,25PPM,50 OHM,,.5%,WAFFLE,HAZMAT - Waffle Pack RES THNFLM 0402 100 OHM 0.1% 1/20W 25PPM MLD SMD - Waffle Pack
|
Vishay Dale
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IS-1009RH |
2.5V Shunt Regulator Diode, Rad-Hard Radiation Hardened
IS-1009RH is a 2.5V shunt regulator(抗辐.5V稳压二极
|
Intersil Corporation
|
LM336B-5.0 LM336Z5 LM336BZ50 LM336-5.0 LM336Z5X |
Adjustable/5V, 4.5% Tolerance Shunt Regulator Programmable Shunt Regulator 可编程并联稳压器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
KA431S KA431SA KA431SAMF KA431SAMF2 KA431SL KA431S |
Adjustable/2.5V, 2% Tolerance Shunt Regulator Programmable Shunt Regulator
|
Fairchild Semiconductor
|
|