PART |
Description |
Maker |
LTC3711EGN LTC3711 3711F |
From old datasheet system 5-Bit Adjustable, Wide Operating Range, No RSENSE
|
Linear Technology
|
LTC3717 3717F |
Wide Operating Range, No Rsense Step-Down Controller for DDR Memory Termination From old datasheet system
|
Linear
|
LTC1778EGN-1PBF LTC1778EGNPBF |
Wide Operating Range, No RSENSE Step-Down Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2 A SWITCHING CONTROLLER, PDSO16
|
Linear Technology, Corp.
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
DN6848TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|
DN6853 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC CORP PANASONIC[Panasonic Semiconductor]
|
MB3800 |
Wide supply voltage operating range: 1.8 V to 15 V
|
Cypress Semiconductor
|