PART |
Description |
Maker |
8086 |
16-Bit HMOS Microprocessor
|
Intel
|
LD8088-2 D8088 8088 D8088-2 8088-2 |
8-BIT HMOS MICROPROCESSOR
|
INTEL[Intel Corporation]
|
D8088 |
8-Bit HMOS Microprocessor
|
Intel
|
UPD8749HC UPD8749HD UPD8039HLC UPD8049H UPD8049HC |
High Speed 8 Bit HMOS Microcomputers High Speed 8 Bit Single-Chip HMOS Microcomputers High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
|
NEC
|
QD8085AH-2 D8085AH-1 |
8-BIT HMOS MICROPROCESSORS
|
3M Electronics
|
8089 D8089 |
8089 / 8 and 16 Bit HMOS I/O Processor
|
Intel
|
MPC8543VUANG MPC8543VUANGA MPC8543VUANGB MPC8548VT |
32-BIT, 800 MHz, MICROPROCESSOR, CBGA783 29 X 29 MM, 1 MM PITCH, FLIP CHIP, LEAD FREE, CERAMIC, BGA-783 32-BIT, 1000 MHz, MICROPROCESSOR, PBGA783 32-BIT, 1000 MHz, MICROPROCESSOR, CBGA783
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
TS68040MFB/C25A TS68040MFB/C33A TS68040MRD/T25A TS |
Third- Generation 32-bit Microprocessor 32-BIT, 33 MHz, MICROPROCESSOR, CPGA179 Third- Generation 32-bit Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CQFP196 32-bit MPU, 25-33 MHz
|
E2V TECHNOLOGIES PLC Atmel, Corp. Atmel Corp. ATMEL Corporation
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
RC64474 RC64475 79RC64474_DS_53993 IDT79RC64V47425 |
Low Cost 64-Bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 RISControllerTM嵌入4位的基础RISCore4000微处理器 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor based on RISCore4000 From old datasheet system Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
|