PART |
Description |
Maker |
PBHV8115Z |
1A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBHV9040T |
500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBHV8140Z |
500 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PMBTA44 |
400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBHV9050Z.115 |
500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBSS5120T PBSS5120T215 |
20 V; 1 A PNP low VCEsat (BISS) transistor; Package: SOT23 (TO-236AB); Container: Tape reel smd 20 V, 1 A PNP low VCEsat (BISS) transistor 20 V 1 A PNP low VCEsat (BISS) transistor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PBHV2160Z-15 |
600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
PBSS5230T PBSS5220T PBSS5220T215 |
20V, 2A PNP low VCEsat (BISS) transistor 20 V; 2 A PNP low VCEsat (BISS) transistor; Package: SOT23 (TO-236AB); Container: Tape reel smd 2000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|