PART |
Description |
Maker |
GS882ZV18BB-200 GS882ZV36BB-200 GS882ZV18BB-300 GS |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 4.5 ns, PBGA119 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 5 ns, PBGA119 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 6.5 ns, PBGA119
|
GSI Technology, Inc. http://
|
GS880ZV18BT GS880ZV18BT-250 GS880ZV18BT-250I GS880 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
GS882Z18AD-150I GS882Z18AB-133 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 8.5 ns, PBGA119
|
GSI Technology, Inc.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8161Z32D-200I GS8161Z32D-166I GS8161Z32D-133I GS |
6.5ns 200MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 32 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 7ns 166MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 225MHz 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 7.5ns 150MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 5.5ns 250MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6ns 225MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 6.5ns 200MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IS61VF51218A IS61LF25636A |
256K x 36-512K x 18 9Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
Integrated Silicon Solution
|
IS61NVF25636A IS61NVF25636A-6.5B2 IS61NVF25636A-6. |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
GS8320Z36T-166V GS8320Z36T-133V GS8320Z36T-166VT G |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 8.5 ns, PQFP100 1M X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 1M X 36 ZBT SRAM, 7 ns, PQFP100 ROHS COMPLIANT, TQFP-100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 5.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 8.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
IDT709079L15PF IDT709079S15PF8 IDT709089S9PF IDT70 |
HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 64K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through 32K x 8 Sync, Dual-Port RAM, PipeLined/Flow-Through
|
Integrated Device Technology, Inc. IDT
|
IDT70V9269S IDT70V9269 IDT70V9269L IDT70V9269L12PR |
From old datasheet system 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 16K的16 SYNCHRONOU?流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
GS882Z36B-100I GS882Z36B-80I GS882Z36B-11 GS882Z36 |
8Mb Pipelined and Flow Through Synchronous NBT SRAMs
|
GSI Technology
|