PART |
Description |
Maker |
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
FK20UM-5 |
Bench Power Supply; Output Voltage:16V; Output Current:10A; Number of Outputs:1; Calibrated:No; Display Technology:LED; Output Current Max:10A; Output Current Min:0A; Output Voltage Max:16V; Output Voltage Min:0V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
DAC16GBC DAC16GS DAC16FP DAC16FS DAC16 DAC16GSZ |
16-Bit High Speed Current-Output DAC 16-Bit High Speed Current-Output DAC PARALLEL, WORD INPUT LOADING, 0.5 us SETTLING TIME, 16-BIT DAC, PDSO24
|
AD[Analog Devices] Analog Devices, Inc.
|
HS7B-1145RH-Q 5962F9683001VPC 5962F9683001VPA HS7- |
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 CONNECTOR ACCESSORY Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable(抗辐射超高速电流反馈视频运算放大器(带输出禁止 Radiation Hardened/ High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable
|
Intersil, Corp. Intersil Corporation http://
|
FS10UM-10 |
Bench Power Supply; Output Voltage:14VDC; Output Current:12A; Calibrated:No; Display Technology:LED HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SD210DE SST823 SST824 SD5001N SD5401CY SST215 |
Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
|
LINEAR[Linear Integrated Systems]
|
MAX428ACPA MAX428ACSA MAX428CPA MAX428CSA MAX408 M |
Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier Single/Dual/Quad High-Speed / Fast-Settling / High Output Current Operational Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
EL7232 EL7232CN EL7232CS |
Driver, Dual Inverting, 10MHz, 2A Peak, with 3-State output Dual Channel High Speed High Current Line Driver w/3-State Dual Channel, High Speed, High Current Line Driver w/3-State
|
INTERSIL[Intersil Corporation]
|
FK10UM-10 |
Bench Power Supply; Output Voltage:14VDC; Output Current:20A; Output Power Max:580W; Number of Outputs:1; Calibrated:No; Display Technology:LED; Features:Constant voltage, reverse polarity, thermal & short-circuit protection HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
2SK2038 K2038 |
2SK2038 N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING APPLICATIONS) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,5A I(D),TO-247VAR From old datasheet system N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) N通道马鞍山型(高速,高电流开关应用)
|
Toshiba. TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|