PART |
Description |
Maker |
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
GM71C4400ELJ-80 GM71C4400E-80 GM71C4400E-60 GM71C4 |
Replaced by TPS79630,REG104-A : Single Output LDO, 1.0A, Fixed(3.0V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(3.3V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 1,048,576字×位组织 1,048,576 Words x Bit Organization 1,048,576字×位组织
|
LG Corp. LG, Corp.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT3030EUFDPBF |
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
LT3060HTS8TRPBF LT3060HTS8-1.2TRPBF LT3060HTS8-1.5 |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology
|
LT3080- LT3060MPTS8-1.5 LT3060MPTS8-2.5 LT3060MPTS |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology http://
|
LT3027 3027FS |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs From old datasheet system
|
linear
|
AS13985F18-T AS13985F28-T AS13985F29-T AS13985F33- |
Micropower 150mA Low-Noise LDO
|
ams AG
|
ADR293GRU |
Low Noise Micropower Precision Voltage 5.0 V Reference
|
Analog Devices
|
|