PART |
Description |
Maker |
TPCA8005-H |
MOSFET TPC Series Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
|
TOSHIBA[Toshiba Semiconductor]
|
TPCA8014-H |
MOSFET TPC Series TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
|
TOSHIBA[Toshiba Semiconductor]
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
KRF7343 |
HEXFET Power MOSFET Generation V Technology Ultra Low On-Resistance Dual N and P Channel MOSFET
|
TY Semicondutor TY Semiconductor Co., Ltd
|
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
STL6NM60N |
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT (5x5) ultra low gate charge MDmesh II Power MOSFET N-channel 600 V - 0.85 ヘ - 5.75 A - PowerFLAT⑩ (5x5) ultra low gate charge MDmesh⑩ II Power MOSFET
|
STMicroelectronics
|
5LP01N |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators P-Channel Silicon MOSFET for Ultrahigh-Speed Switching Applications(超高速转换应用的P沟道硅MOSFET) P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
2SK4183 |
N-Channel Silicon MOSFET General-Purpose Switching Device Applications 13 A, 525 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|