PART |
Description |
Maker |
HTX12-600 |
600V 12A TRIAC
|
SemiHow Co.,Ltd.
|
DTN12 DTN12E DTN12G |
600 V, 12 A, TRIAC, TO-220 12A Bidirectional Thyristor
|
SANYO[Sanyo Semicon Device]
|
IR3476MTR1PBF IR3476MTRPBF IR347613 2R5TPE330M9 C1 |
12A Highly Integrated SupIRBuck Continuous 12A Load Capability Compensation Loop not Required
|
International Rectifier
|
BTA212BSERIES BTA212_SERIES_B_1 BTA212-500B BTA212 |
Three quadrant triacs high commutation - I<sub>GT</sub>: 50 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 800 V; Package: SOT78 (TO-220AB); Container: Tube pack TRIAC|500V V(DRM)|12A I(T)RMS|TO-220AB From old datasheet system
|
NXP SEMICONDUCTORS Philips
|
MG600Q1US41 E002366 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes From old datasheet system HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
Q62702-B257 BBY34D Q62702-B194 BBY34C |
Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ˇ 12 V) 硅调谐变容二极管(Hyperabrupt交界调谐二极管频率线性调谐范 12五) Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Forward Current:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V) Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ?12 V)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1N1206RA 1N1202A 1N1202RA JAN1N1202A 1N1204RA 1N36 |
12A silicon power rectifier, 200V 12A silicon power rectifier, 1000V Military Silicon Power Rectifier 12A silicon power rectifier, 400V 12A silicon power rectifier, 600V 12A silicon power rectifier, 800V
|
MICROSEMI[Microsemi Corporation] http://
|
MAC137-600-BG MAC137-700-BS MAC137-500-BS |
600 V, 8 A, TRIAC, TO-220AB 700 V, 8 A, TRIAC 500 V, 8 A, TRIAC
|
MOTOROLA INC
|
STK10C48-5P35 STK10C48-5P35I STK10C48-5P30 STK10C4 |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Current, It av:10A; Gate Trigger Current Max, Igt:50mA; Holding Current:50mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:15A; Holding Current:70mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Gate Trigger Current Max, Igt:50mA NVRAM中(EEPROM的基础 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA NVRAM中(EEPROM的基础
|
Atmel, Corp.
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
HGT1S2N120BNS9A HGTD2N120BNS HGT1S2N120BNS HGTP2N1 |
12A, 1200V, NPT Series N-Channel IGBT TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 12A I(C) | TO-263AB
|
Fairchild Semiconductor
|
|