PART |
Description |
Maker |
ES2A-ES2J ES2B ES2A ES2D |
Glass Superfast Recovery Rectifiers SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFERS
|
HY ELECTRONIC CORP.
|
SF21G-SF28G |
Glass Superfast Recovery Rectifiers
|
HY
|
ER806F ER800F ER800F_06 ER801AF ER801F ER802F ER80 |
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
|
WTE[Won-Top Electronics]
|
ER2J-T3 ER2A ER2A_06 ER2A-T3 ER2B-T3 ER2C-T3 ER2D- |
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
|
WTE[Won-Top Electronics]
|
ER1006FCT ER1000FCT ER1000FCT_06 ER1001AFCT ER1001 |
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
|
WTE[Won-Top Electronics]
|
SF1004G SF1001G SF1002G SF1008G SF1007G SF1006G SF |
Rectifier: Superfast (SF1001G - SF1008G) 10.0 AMPS. Glass Passivated Super Fast Rectifiers
|
List of Unclassifed Man... Taiwan Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
1H1G 1E1G 1H5G |
1.0A SUPERFAST GLASS PASSVITED RECTIFIER
|
Zibo Seno Electronic En...
|
SFB1020CT SFB1040CT SFB1010CT SFB1030CT SFB1050CT |
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
|
Zibo Seno Electronic En...
|
SCPAR05FF SCPAR10FF SCPAR15FF SCDAR05FF SCDAR10FF |
High Current, Superfast Recovery Doubler Rectifier(反向电压100V,温25℃时平均整流电流22.5A,大电超快恢复倍增整流 大电流,超高速恢复倍流整流(反向电00V的,温度25℃时平均整流电流22.5A,大电流,超快恢复倍增整流器) High Current, Superfast Recovery Doubler Rectifier(反向电压150V,温5℃时平均整流电流22.5A,大电超快恢复倍增整流 High Current, Superfast Recovery Doubler Rectifier(反向电压50V,温5℃时平均整流电流22.5A,大电超快恢复倍增整流 SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
|
Semtech, Corp. Semtech Corporation
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SF2004GD SF2005G SF2005GD SF2005GA SF2001G SF2006G |
(SF2001GD - SF2008GD) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode (SF2001G - SF2008G) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode (SF2001GA - SF2008GA) 20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
|
Thinki Semiconductor
|