PART |
Description |
Maker |
PBYR10100X |
RS232 TO CURRENT LOOP CONV DB25M-DB25F - EUROPE RS232 TO CURRENT LOOP CONV DB25M-DB25F - EUROPE 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AC RECTIFIER DIODES SCHOTTKY BARRIER
|
NXP Semiconductors N.V. Philips Semiconductors
|
HC55120 HC55121 HC55130 HC55140 HC55142 |
SLIC, Low Power, 30mA Loop Current, Longitudinal Balance 53dB SLIC, Low Power, 30mA Loop Current, Polarity Reversal, Longitudinal Balance 53dB SLIC, Low Power, 45mA Loop Current, Longitudinal Balance 63dB SLIC, Low Power, 45mA Loop Current, Polarity Reversal, Gnd Start, Gnd Key, Line Volt Measurement, with Long Balance 63dB and Pulse Metering SLIC, Low Power, Operation of the UniSLIC 14 and IDT821064 Evaluation Module
|
Intersil
|
6N138 E001819 6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER/ LOW INPUT CURRENT LINE RECEIVER/ COMS LOGIC INTERFACE) IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE) CURRENT LOOP DRIVER LOW INPUT CURRENT LINE RECEIVER CMOS LOGIC INTERFACE From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
KSC1675COBU KSC1675CRBU KSC1675CYTA KSC1675O KSC16 |
NPN Epitaxial Silicon Transistor FM/AM RF AMP, MIX, CONV,OSC,IF FM/AM RF AMP/ MIX/ CONV/OSC/IF
|
FAIRCHILD[Fairchild Semiconductor]
|
Q67121-C942 Q67121-C946 Q67121-C967 SAF-C167CR-LM |
16-Bit CMOS Single-Chip Microcontroller CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 1000 turn
|
SIEMENS AG
|
1B21-15 |
Isolated, Loop-Powered Voltage-to-Current Converter
|
Analog Devices
|
HCC4046B HCC4046BF HCF4046B HCF4046BEY HCC4046 HCC |
MICRMICROPOWER PHASE-LOCKED LOOP _ MICRMICROPOWER锁相环_ Analog Phase-Locked Loop Dual Line Driver 14-SOIC 0 to 70 IC,PHASE-LOCKED LOOP,CMOS,DIP,16PIN,CERAMIC From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
232PCLIN1795 232PCLIN |
Industrial Current Loop Converter 工业电流环转换器 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] B&B Electronics
|
XL4501E1 |
5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
|
List of Unclassifed Man...
|
ADM1385 ADM1385ARS-REEL7 ADM3222 ADM3202 |
High-Speed, 3.3V, 2-Channel RS232/V.28 Interface Device with 460kBPS Data Rate and Shutdown and Enable Pins High-Speed, 2-Channel RS232/V.28 Interface Devices Low Power, 3.3 V, RS-232 Line Drivers/Receivers
|
Analog Devices
|