PART |
Description |
Maker |
NTE309K NTE309 |
Integrted Circuit Voltage Regulator
|
NTE[NTE Electronics]
|
STK760 STK761 STK711 STK752 STK756 STK711-490 STK7 |
Intergrated Circuit VOLTAGE REGULATOR (STK7xx) Intergrated Circuit VOLTAGE REGULATOR Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 50V; Case Size: 22x40 mm; Packaging: Bulk
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
MAX670 MAX6700 MAX6700-MAX6710 MAX6700UT-T MAX6710 |
In1 adj, In2 Vcc, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage レP Supervisory Circuits in SOT Package Low-Voltage / High-Accuracy / Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage.High-Accuracy.Triple/Quad Voltage µ.P Supervisory Circuits in SOT Package 低电压、高精度、三/四路电压、微处理器监控电路,SOT封装 In1 5 V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 1.8 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NTE1951 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
|
NTE[NTE Electronics]
|
RN1001 RN1002 RN1006 RN1003 RN1004 RN1005 |
Transistor Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Switching/ Inverter Circuit/ Interface Circuit And Driver Circuit Applications Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications 开关,逆变电路,接口电路及驱动电路应用
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
ET79XX 79XX |
fixed-negative-voltage monolithic integrated-circuit voltage regulators
|
Estek Electronics Co. Ltd
|
NTE1955 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
|
NTE[NTE Electronics]
|
79L05A 79L12A 79L24A 79L15A 79L06A 79L08A |
fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
|
Estek Electronics Co. L... Estek Electronics Co. Ltd http://
|
TC4626 TC4626EOE TC4626EPA TC4627 TC4627COE TC4627 |
Power CMOS Drivers With Voltage Tripler The TC4626/4627 are single CMOS high speed drivers with an on-board voltage boost circuit. These parts work with an input supply voltage from 4 to 6 volts. The internal voltage booster will produce a VBOOST potential up to 12 volts above V
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
RN2201 RN2204 RN2206 RN2202 RN2203 RN2205 |
Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Switching/ Inverter Circuit/ Interface Circuit And Driver Circuit Applications
|
TOSHIBA[Toshiba Semiconductor]
|
BA3960 A5800928 |
Dual circuit/ variable output voltage regulator Dual circuit, variable output voltage regulator From old datasheet system
|
Rohm CO.,LTD. ROHM[Rohm]
|
|