PART |
Description |
Maker |
MAX7031ATJ MAX703109 |
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX147105 MAX1471ATJ |
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX7042_07 MAX7042 MAX7042AAX MAX7042ATJ |
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
|
MAXIM[Maxim Integrated Products]
|
IDT79R3041 IDT79R3041-16 IDT79R3041-20 IDT79R3041- |
32-bit Low-Cost CPU. **NOT RECOMMENDED FOR NEW DESIGNS** INTEGRATED RISController FOR LOW-COST SYSTEMS INTEGRATED RISController? INTEGRATED RISController⑩ FOR LOW-COST SYSTEMS
|
IDT[Integrated Device Technology]
|
AD558T AD558KD AD558JP AD558TD AD558SD AD558JN AD5 |
DACPORT, Low-Cost Complete 渭P-Compatible 8-Bit DAC(瀹??????????浣?/A杞???? DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换 RECTIFIER BRIDGE 1.5A 50V WOG DACPORT Low Cost. Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC DACPORT Low Cost/ Complete uP-Compatible 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LT1097S8TRPBF |
Low Cost, Low Power Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 130 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8 Low Cost, Low Power Precision Op Amp(浣?环锛?????绮惧?杩???惧ぇ?ī
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX698-MAX699 MAX699 MAX699CPA MAX699CWE MAX699EPA |
4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 Low Cost Power-On Reset and Watchdog Controllers Low-Cost Power On Reset IC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EH2500ETTS-27.345M |
OSCILLATORS 100PPM -40 85 5.0V 4 27.345MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 27.345 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|